Part Number Hot Search : 
LS5022 28010 1N6004C BUX81 MJE13007 W20NB50 DM78L06A MDR2100
Product Description
Full Text Search
 

To Download 15KPA60CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
15KPA SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17.0 TO 280 Volts 15000 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * 15000W Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Repetition rate (duty cycle):0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0 ps from 0 volts to BV * Typical Id less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
P-600
1.0(25.4) MIN
.360(9.1) .340(8.6) DIA
.360(9.1) .340(8.6)
.052(1.3) .048(1.2)
1.0(25.4) MIN
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram Dimensions in inches (milimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 15KPA17 thru types 15KPA280 Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1) Peak Pulse Current of on 10-1000 s waveform (NOTE 1) Steady State Power Dissipation at Tl=75 C Lead Lengths.375", (9.5mm)(NOTE 2) SYMBOL PPPM IPPM PM(AV) VALUE Minimum 15000 SEE TABLE 1 8.0 UNITS Watts Amps Watts
Peak Forward Surge Current, 8.3ms Sine-Wave IFSM 400.0 Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range TJ, TSTG -55 to +175 NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026
Amps C
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
15KPA Series Rating and Characteristics
Pppm 1 PEAK PULSE POWER 1 KW
10000 1000
Non-repetitive pulse waveform shown in Fig. 3TA = 25C
100
10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING
Fig.2 - Pulse Derating Curve
100
Peak Pulse Power (P ) PP or Current (IPP) Derating in Percentage,%
87.5 75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
TA - Ambient Temperature (C)
Fig.3 - Pulse Waveform
IPPM - Peak Pulse Current,% I RSM
150
tr = 10sec.
Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0
3.0
3.0
4.0
4.0
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
15000 Watt TVS
UNI-POLAR BI-POLAR REVERSE STANDOFF VOLTAGE VRWM (V) TEST PEAK REVERSE BREAKDOWN MAXIMUM CURRENT CLAMPING PULSE LEAKAGE VOLTAGE (IT) VBR (V) VOLTAGE CURRENT IPP @ VRWM I R mA (A) (A) MIN. @ I T @IPP Vc (V)
17 18.99 50 29.3 15KPA17A 15KPA17CA 18 20.11 50 30.9 15KPA18A 15KPA18CA 20 22.34 20 34.3 15KPA20A 15KPA20CA 22 24.57 10 37.1 15KPA22A 15KPA22CA 24 26.81 5 40.7 15KPA24A 15KPA24CA 26 29.04 5 44.0 15KPA26A 15KPA26CA 28 31.28 5 47.5 15KPA28A 15KPA28CA 30 33.51 5 50.7 15KPA30A 15KPA30CA 33 36.90 5 54.7 15KPA33A 15KPA33CA 36 40.20 5 59.8 15KPA36A 15KPA36CA 40 44.70 5 65.8 15KPA40A 15KPA40CA 43 48.00 5 69.8 15KPA43A 15KPA43CA 45 50.30 5 72.8 15KPA45A 15KPA45CA 48 53.60 5 77.7 15KPA48A 15KPA48CA 51 57.00 5 82.8 15KPA51A 15KPA51CA 54 60.30 5 87.7 15KPA54A 15KPA54CA 58 64.80 5 93.8 15KPA58A 15KPA58CA 60 67.00 5 97.4 15KPA60A 15KPA60CA 64 71.50 5 104.2 15KPA64A 15KPA64CA 70 78.20 5 113.6 15KPA70A 15KPA70CA 75 83.80 5 122.0 15KPA75A 15KPA75CA 78 87.10 5 126.1 15KPA78A 15KPA78CA 85 94.90 5 137.6 15KPA85A 15KPA85CA 90 100.50 5 145.6 15KPA90A 15KPA90CA 100 111.70 5 161.3 15KPA100A 15KPA100CA 110 122.90 5 178.6 15KPA110A 15KPA110CA 120 134.00 5 192.3 15KPA120A 15KPA120CA 130 145.20 5 208.3 15KPA130A 15KPA130CA 150 167.60 5 241.9 15KPA150A 15KPA150CA 160 178.70 5 258.6 15KPA160A 15KPA160CA 170 189.90 5 272.7 15KPA170A 15KPA170CA 180 201.10 5 288.5 15KPA180A 15KPA180CA 200 223.40 5 319.1 15KPA200A 15KPA200CA 220 245.70 5 428.6 15KPA220A 15KPA220CA 240 268.10 5 384.6 15KPA240A 15KPA240CA 260 290.40 5 416.7 15KPA260A 15KPA260CA 280 312.80 5 454.5 15KPA280A 15KPA280CA For bidirectional type having Vrwm of 40 volts and less, the IR limit is double. For parts without A , the V BR is + 10% Certified RoHS Compliant UL File # E223026
515.4 488.7 440.2 407.0 371.0 343.2 317.9 297.8 276.1 252.5 229.5 216.3 207.4 194.3 182.1 172.2 161.0 155.0 144.9 132.9 123.8 119.7 109.7 103.7 93.6 84.5 78.5 72.5 62.4 58.4 55.4 52.3 47.3 35.2 39.3 36.2 33.2
5000 5000 1500 500 150 50 25 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10


▲Up To Search▲   

 
Price & Availability of 15KPA60CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X